Part Number Hot Search : 
SY10E FZTA92 MKP417 2SD0814 44356 GY4102A D0715 008K75
Product Description
Full Text Search
 

To Download C1206X563J3GACTU-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 1 overview kemets flexible termination (ft-cap) multilayer ceramic capacitor in c0g dielectric incorporates a unique, fexible termination system that is integrated with kemets standard termination materials. a conductive silver epoxy is utilized between the base metal and nickel barrier layers of kemets standard termination system in order to establish pliability while maintaining terminal strength, solderability and electrical performance. this technology was developed in order to address the primary failure mode of mlccsC fex cracks, which are typically the result of excessive tensile and shear stresses produced during board fexure and thermal cycling. flexible termination technology inhibits the transfer of board stress to the rigid ceramic body, therefore mitigating fex cracks which can result in low ir or short circuit failures. although this technology does not eliminate the potential for mechanical damage that may propagate during extreme environmental and handling conditions, it does provide superior fex performance over standard termination systems. ft-cap complements kemets open mode, floating electrode (fe-cap), floating electrode with flexible termination (ff-cap), and kemet power solutions (kps) product lines by providing a complete portfolio of fex mitigation solutions. combined with the stability of c0g dielectric and designed to accommodate all capacitance requirements, these fex-robust devices are rohs compliant, offer up to 5 mm of fex-bend capability and exhibit no change in capacitance with respect to time and voltage. capacitance change with reference to ambient temperature is limited to 30 ppm/oc from ?55c to +125c. in addition to commercial grade, automotive grade devices are available which meet the demanding automotive electronics council's aecCq200 qualifcation requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade) ordering information c 1206 x 563 j 3 g a c tu ceramic case size (l" x w") specifcation/ series capacitance code (pf) capacitance tolerance 1 rated voltage (vdc) dielectric failure rate/ design termination finish 2 packaging/ grade (c-spec) 0603 0805 1206 1210 1812 1825 2220 2225 x = flexible termination two signifcant digits and number of zeros. use 9 for 1.0 C 9.9 pf use 8 for 0.5 C .99 pf e.g., 2.2 pf = 229 e.g., 0.5 pf = 508 b = 0.10 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% k = 10% m = 20% 8 = 10 4 = 16 3 = 25 5 = 50 1 = 100 2 = 200 a = 250 g = c0g a = n/a c = 100% matte sn l = snpb (5% pb minimum) see "packaging c-spec ordering options table" below 1 additional capacitance tolerance offerings may be available. contact kemet for details. 2 additional termination fnish options may be available. contact kemet for details. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 2 packaging c-spec ordering options table packaging type 1 packaging/grade ordering code (c-spec) commercial grade 1 bulk bag not required (blank) 7" reel/unmarked tu 13" reel/unmarked 7411 (eia 0603 and smaller case sizes) 7210 (eia 0805 and larger case sizes) 7" reel/unmarked/2mm pitch 2 7081 13" reel/unmarked/2mm pitch 2 7082 automotive grade 3 7" reel auto 13" reel/unmarked auto7411 (eia 0603 and smaller case sizes) auto7210 (eia 0805 and larger case sizes) 7" reel/unmarked/2mm pitch 2 3190 13" reel/unmarked/2mm pitch 2 3191 1 default packaging is "bulk bag". an ordering code c-spec is not required for "bulk bag" packaging. 1 the terms "marked" and "unmarked" pertain to laser marking option of capacitors. all packaging options labeled as "unmarked" will contain capacitors that have not been laser marked. the option to laser mark is not available on these devices. for more information see "capacitor marking". 2 the 2mm pitch option allows for double the packaging quantity of capacitors on a given reel size. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2mm pitch option see "tape & reel packaging information". 3 reeling tape options (paper or plastic) are dependent on capacitor case size (l" x w") and thickness dimension. see "chip thickness/tape & reel packaging quantities" and "tape & reel packaging information". 3 for additional information regarding "auto" c-spec options, see "automotive c-spec information". 3 all automotive packaging c-specs listed exclude the option to laser mark components. the option to laser mark is not available on these devices. for more information see "capacitor marking". benefts 55c to 125c operating temperature range su perior fe performance (up to 5 mm) ? le ad (pb)-free, rohs and reach compliant ? ei a 0603, 0805, 1206, 1210, 1812, 1825, 2220, and 2225 case sizes ? dc v oltage ratings of 10 v, 16 v, 25 v, 50 v, 100 v, 200 v, and 250 v u e tegmxergisjjivmrkwverkmrkjvsqt*ytxsq* ? av ailable capacitance tolerances of 0.10pf, 0.25 pf, 0.5 pf, 1%, 2%, 5%, 10%, and 20% ? no p iezoelectric noise ? ex tremely low esr and esl ? hi gh thermal stability ? hig h ripple current capability ? pr eferred capacitance solution at line frequencies and into the mhz range ? no c apacitance change with respect to applied rated dc voltage ? ne gligible capacitance change with respect to temperature jvsqqxsq ? no n-polar device, minimizing installation concerns u tyviqexxixmrtpexihxivqmrexmsrrmwleppsmrkjsv excellent solderability ? co mmercial & automotive (aecCq200) grades available u 7r 4fxivqmrexmsrrmwlstxmsrezempefpiytsrviuyiwx (5% pb minimum) applications typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, ftewwpxivmrkxverwmirxzspxekiwyttviwwmsrerhfpsgomrkewippewirivkwxsvekimrgvmxmgeperhwejixvipizerxgmvgymxw mxlsyxmrxikvexihgyvvirxpmqmxexmsrmrgpyhmrkxlswiwyfnigxxslmklpizipwsjfsevhiyvisvxiqtivexyviggpmrk surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 3 automotive c-spec information kemet automotive grade products meet or exceed the requirements outlined by the automotive electronics council. details regarding test methods and conditions are referenced in document aecCq200, stress test qualif cation for passive components. these products are supported by a product change notif cation (pcn) and production part approval process warrant (ppap). automotive products offered through our distribution channel have been assigned an inclusive ordering code c-spec, auto. this c-spec was developed in order to better serve small and medium sized companies that prefer an automotive grade component without the requirement to submit a customer source controlled drawing (scd) or specif cation for review by a kemet engineering specialist. this c-spec is therefore not intended for use by kemets oem automotive customers and are not granted the same privileges as other automotive c-specs. customer pcn approval and ppap request levels are limited (see details below). product change notif cation (pcn) the kemet product change notif cation system is used to communicate primarily the following types of changes: ? product/process changes that affect product form, f t, function, and/or reliability ? changes in manufacturing site ? product obsolescence kemet automotive c-spec customer notif cation due to: days prior to implementation process/product change obsolescence* kemet assigned 1 yes (with approval and sign off) yes 180 days minimum auto yes (without approval) yes 90 days minimum 1 /)1)8ewwmkrih7tigwviuymvixliwyfqmxxepsjegywxsqiv7(svgywxsqivwtigmgexmsrjsvvizmi*svehhmxmsrepmrjsvqexmsrgsrxegx/)1)8 production part approval process (ppap) the purpose of the production part approval process is: ? to ensure that supplier can meet the manufacturability and quality requirements for the purchased parts. ? to provide the evidence that all customer engineering design record and specif cation requirements are properly understood and fulf lled by the manufacturing organization. ? to demonstrate that the established manufacturing process has the potential to produce the part kemet automotive c-spec ppap (product part approval process) level 1 2 3 4 5 kemet assigned 1 auto 1 1emktmmesessstmemssmsemmsemsemsse1 part number specif c ppap available product family ppap only surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 4 dimensions C millimeters (inches) l b w s t eia size code metric size code l length w width t thickness b bandwidth s separation minimum mounting technique 0603 1608 1.60 (0.064) 0.17 (0.007) 0.80 (0.032) 0.15 (0.006) see table 2 for thickness 0.45 (0.018) 0.15 (0.006) 0.58 (0.023) solder wave or solder refow 0805 2012 2.00 (0.079) 0.30 (0.012) 1.25 (0.049) 0.30 (0.012) 0.50 (0.02) 0.25 (0.010) 0.75 (0.030) 1206 3216 3.30 (0.130) 0.40 (0.016) 1.60 (0.063) 0.35 (0.013) 0.60 (0.024) 0.25 (0.010) n/a 1210 3225 3.30 (0.130) 0.40 (0.016) 2.60 (0.102) 0.30 (0.012) 0.60 (0.024) 0.25 (0.010) solder refow only 1812 4532 4.50 (0.178) 0.40 (0.016) 3.20 (0.126) 0.30 (0.012) 0.70 (0.028) 0.35 (0.014) 1825 4564 4.60 (0.181) 0.40 (0.016) 6.40 (0.252) 0.40 (0.016) 0.70 (0.028) 0.35 (0.014) 2220 5650 5.90 (0.232) 0.75 (0.030) 5.00 (0.197) 0.40 (0.016) 0.70 (0.028) 0.35 (0.014) 2225 5664 5.90 (0.232) 0.75 (0.030) 6.40 (0.248) 0.40 (0.016) 0.70 (0.028) 0.35 (0.014) qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are referenced in table 4, performance & reliability. automotive grade products meet or exceed the requirements outlined by the automotive electronics council. details regarding test methods and conditions are referenced in document aecCq200, stress test qualifcation for passive components. for additional information regarding the automotive electronics council and aecCq200, please visit their website at www.aecouncil.com. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 5 environmental compliance lead (pb)-free, rohs, and reach compliant without exemptions (excluding snpb termination fnish option). electrical parameters/characteristics item parameters/characteristics operating temperature range ?55c to +125c capacitance change with reference to +25c and 0 vdc applied (tcc) 30 ppm/oc aging rate (maximum % capacitance loss/decade hour) 0% 1 dielectric withstanding voltage (dwv) 250% of rated voltage (51 seconds and charge/discharge not exceeding 50 ma) 2 dissipation factor (df) maximum limit at 25oc 0.1% 3 insulation resistance (ir) limit at 25c 1,000 megohm microfarads or 100 g (rated voltage applied for 1205 seconds at 25c) 1 dwv is the voltage a capacitor can withstand (survive) for a short period of time. it exceeds the nominal and continuous working voltage of the capacitor. 2 capacitance and dissipation factor (df) measured under the following conditions: 1 mh z 100 khz and 1.0 vrms 0.2 v if capacitance 1,000 pf 1 kh z 50 hz and 1.0 vrms 0.2 v if capacitance > 1,000 pf 3 to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on." post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value dissipation factor (maximum %) capacitance shift insulation resistance c0g all all 0.5 0.3% or 0.25 pf 10% of initial limit surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 6 table 1a C capacitance range/selection waterfall (0603 C 1206 case sizes) *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91) these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts. capacitance cap code case size/series c0603x c0805x c1206x voltage code 8 4 3 5 1 2 a 8 4 3 5 1 2 a 8 4 3 5 1 2 a rated voltage (vdc) 10 16 25 50 100 200 250 10 16 25 50 100 200 250 10 16 25 50 100 200 250 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 0.50 & 0.75 pf 508 & 758 b c d cj cj cj cj cj cj cj dr dr dr dr dr dr dr 1.0 - 9.1 pf* 109 - 919* b c d cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 10 - 91 pf* 100 - 910* f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 100 pf 101 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 110 - 180 pf* 111 - 181* f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 200 - 300 pf* 201 - 301* f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 330 pf 331 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 360 pf 361 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 390 pf 391 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 430 pf 431 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 470 pf 471 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dd dd eq eq eq eq eq eq eq 510 pf 511 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 560 pf 561 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 620 pf 621 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 680 pf 681 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 75 0 pf 751 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 820 pf 821 f g j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq eq eq eq 910 pf 911 f g j k m cj cj cj cj cj cj cj dr dr dr dr dd dd dd eq eq eq eq eq eq eq 1,000 pf 102 f g j k m cj cj cj cj cj cj cj dr dr dr dr dd dd dd eq eq eq eq eq eq eq 1,100 pf 112 f g j k m cj cj cj cj cj ch ch dr dr dr dr dr dr dr eq eq eq eq eq eq eq 1,200 pf 122 f g j k m cj cj cj cj cj ch ch dr dr dr dr dr dr dr eq eq eq eq eq eq eq 1,300 pf 132 f g j k m cj cj cj cj cj ch ch dd dd dd dd dd dr dr eq eq eq eq er er er 1,500 pf 152 f g j k m cj cj cj cj cj ch ch dd dd dd dd dd dr dr eq eq eq eq es er er 1,600 pf 162 f g j k m cj cj cj cj cj ch ch dd dd dd dd dd dr dr eq eq eq eq es es es 1,800 pf 182 f g j k m cj cj cj cj cj ch ch dd dd dd dd dd dr dr eq eq eq eq es es es 2,000 pf 202 f g j k m cj cj cj cj cj ch ch dr dr dr dr dr dr dr eq eq eq eq es es es 2,200 pf 222 f g j k m cj cj cj cj cj ch ch dr dr dr dr dr dr dr eq eq eq eq et et et 2,400 pf 242 f g j k m cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq er er er 2,700 pf 272 f g j k m cj cj cj cj cj dr dr dr dr dr dr dr eq eq eq eq er er er 3,000 pf 302 f g j k m cj cj cj cj cj dd dd dd dd dr dr dr er er er er er eq eq 3 , 300 pf 332 f g j k m cj cj cj cj cj dd dd dd dd dr dr dr er er er er et eq eq 3,600 pf 362 f g j k m cj cj cj cj cj dd dd dd dd dr dd dd er er er er et eq eq 3,900 pf 392 f g j k m cj cj cj cj cj ds ds ds ds dr dd dd er er er er ef eq eq 4,300 pf 432 f g j k m cj cj cj cj cj ds ds ds ds dr dd dd er er er er er eq eq 4,700 pf 472 f g j k m cj cj cj cj cj ds ds ds ds dr dd dd er er er er er eq eq 5,100 pf 512 f g j k m cj cj cj cj ds ds ds ds dr dd dd es es es es es eq eq 5,600 pf 562 f g j k m cj cj cj cj dr dr dr dr dr dd dd es es es es es eq eq 6,200 pf 622 f g j k m cj cj cj cj dr dr dr dr dr dg dg eq eq eq eq eq eq eq 6,800 pf 682 f g j k m cj cj cj cj dr dr dr dr dr dg dg eq eq eq eq eq eq eq 7,500 pf 752 f g j k m cj cj cj dr dr dr dr dr dg dg eq eq eq eq eq eq eq 8,200 pf 822 f g j k m cj cj cj dr dr dr dr dr dg dg er er er er eq er er 9,100 pf 912 f g j k m cj cj cj dr dr dr dr dr er er er er eq er er 10,000 pf 103 f g j k m cj cj cj dr dr dr dr dd es es es es eq er er 12,000 pf 123 f g j k m cj cj cj dr dr dr dr ds eq eq eq eq eq es es 15,000 pf 153 f g j k m cj cj cj dr dr dr dd dg eq eq eq eq eq ef ef 18,000 pf 183 f g j k m dr dr dr dd eq eq eq eq eq eh eh 2 2 ,000 pf 223 f g j k m dd dd dd df eq eq eq eq er eh eh 27,000 pf 273 f g j k m df df df eq eq eq eq et 33,000 pf 333 f g j k m dg dg dg eq eq eq eq et 39,000 pf 393 f g j k m dg dg dg er er er et eh 47,000 pf 473 f g j k m dg dg dg er er er et eh 56,000 pf 563 f g j k m es es es ef 68,000 pf 683 f g j k m ef ef ef eh 82,000 pf 823 f g j k m eh eh eh eh 0.10 f 104 f g j k m eh eh eh capacitance cap code rated voltage (vdc) 10 16 25 50 100 200 250 10 16 25 50 100 200 250 10 16 25 50 100 200 250 voltage code 8 4 3 5 1 2 a 8 4 3 5 1 2 a 8 4 3 5 1 2 a case size/series c0603x c0805x c1206x surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 7 table 1b C capacitance range/selection waterfall (1210 C 2225 case sizes) *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) these products are protected under us patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts. capacitance cap code case size/series c1210x c1812x c1825x c2220x c2225x voltage code 8 4 3 5 1 2 a 5 1 2 a 5 1 2 a 5 1 2 a 5 1 2 a rated voltage (vdc) 10 16 25 50 100 200 250 50 100 200 250 50 100 200 250 50 100 200 250 50 100 200 250 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 1.0 - 9.1 pf* 109 - 919* b c d fn fn fn fn fn fn fn 10 - 91 pf* 100 - 910* f g j k m fn fn fn fn fn fn fn 100 - 430 pf* 101 - 431* f g j k m fn fn fn fn fn fn fn 470 - 910 pf* 471 - 911* f g j k m fn fn fn fn fn fn fn gb gb gb gb 1,000 pf 102 f g j k m fn fn fn fn fn fn fn gb gb gb gb 1,100 pf 112 f g j k m fn fn fn fn fn fn fn gb gb gb gb 1,200 pf 122 f g j k m fn fn fn fn fn fn fn gb gb gb gb 1,300 pf 132 f g j k m fn fn fn fn fn fq fq gb gb gb gb 1,500 pf 152 f g j k m fn fn fn fn fn fe fe gb gb gb gb 1,600 pf 162 f g j k m fn fn fn fn fn fe fe gb gb gb gb 1,800 pf 182 f g j k m fn fn fn fn fn fe fe gb gb gb gb 2,000 pf 202 f g j k m fn fn fn fn fq fe fe gb gb gb gb 2,200 pf 222 f g j k m fn fn fn fn fq fz fz gb gb gb gb 2,400 pf 242 f g j k m fn fn fn fn fq fq fq 2,700 pf 272 f g j k m fn fn fn fn fq fq fq gb gb gb gb 3,000 pf 302 f g j k m fn fn fn fn fq fa fa 3,300 pf 332 f g j k m fn fn fn fn fa fa fa gb gb gb gb 3,600 pf 362 f g j k m fn fn fn fn fa fa fa 3,900 pf 392 f g j k m fn fn fn fn fa fa fa gb gb gb gb hb hb hb hb 4,300 pf 432 f g j k m fn fn fn fn fa fa fa 4,700 pf 472 f g j k m fa fa fa fa fz fz fz gb gb gd gd hb hb hb hb ke ke ke ke 5,100 pf 512 f g j k m fn fn fn fn fz fz fz ke ke ke ke 5,600 pf 562 f g j k m fn fn fn fn fz fz fz gb gb gh gh hb hb hb hb ke ke ke ke 6 , 200 pf 622 f g j k m fn fn fn fn fz fn fn ke ke ke ke 6,800 pf 682 f g j k m fn fn fn fn fz fn fn gb gb gj gj hb hb hb hb je je jb ke ke ke ke 7,500 pf 752 f g j k m fq fq fq fq fq fn fn ke ke ke ke 8,200 pf 822 f g j k m fq fq fq fq fq fn fn gb gh gb gb hb hb hb hb je je jb ke ke ke ke 9,100 pf 912 f g j k m fe fe fe fe fe fn fn ke ke ke ke 10,000 pf 103 f g j k m fa fa fa fa fa fn fn gb gh gb gb hb hb he he je je jb ke ke ke ke 12,000 pf 123 f g j k m fz fz fz fz fn fn fn gb gg gb gb hb hb he he je je jb ke ke ke ke 15,000 pf 153 f g j k m fz fz fz fz fn fq fq gb gb gb gb hb hb je je jb ke ke ke ke 18,000 pf 183 f g j k m fn fn fn fn fn fq fq gb gb gb gb hb he je je jb ke ke 22,000 pf 223 f g j k m fn fn fn fn fn fa fa gb gb gb gb hb he je jb jb ke ke 27,000 pf 273 f g j k m fn fn fn fn fn fz fz gb gb gb gb hb hg je jb jb ke ke 33,000 pf 333 f g j k m fn fn fn fn fn fu fu gb gb gb gb jb jb jb ke 39,000 pf 393 f g j k m fn fn fn fn fe fu fu gb gb gb gb jb jb jb 47,000 pf 473 f g j k m fn fn fn fn fe fj fj gb gb gd gd jb jb jb 56,000 pf 563 f g j k m fn fn fn fn fa gb gb gd gd jb jb jb 68,000 pf 683 f g j k m fn fn fn fq fz gb gb gk gk jb jb jb 82,000 pf 823 f g j k m fq fq fq fa fu gb gb gm gm jb jb jb 0.10 f 104 f g j k m fe fe fe f z fm gb gd gm gm jb jb jd 0.12 f 124 f g j k m fz fz fz fu gb gh jb jb jd 0.15 f 154 f g j k m fu fu fu fm gd gn jb jb jg 0.18 f 184 f g j k m fj fj fj gh jb jd jg 0.22 f 224 f g j k m fk fk fk gk jb jd 0.27 f 274 f g j k m jb jf 0.33 f 334 f g j k m jd jg 0.39 f 394 f g j k m jg 0.47 f 474 f g j k m jg capacitance cap code rated voltage (vdc) 10 16 25 50 100 200 250 50 100 200 250 50 100 200 250 50 100 200 50 100 200 250 voltage code 8 4 3 5 1 2 a 5 1 2 a 5 1 2 a 5 1 2 5 1 2 a case size/series c1210x c1812x c1825x c2220x c2225x surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 8 table 2a C chip thickness/tape & reel packaging quantities thickness code case size 1 thickness range (mm) paper quantity 1 plastic quantity 7" reel 13" reel 7" reel 13" reel cj 0603 0.80 0.15 4,000 15,000 0 0 ch 0603 0.85 0.07 4,000 10,000 0 0 dr 0805 0.78 0.20 0 0 4,000 10,000 dd 0805 0.90 0.10 0 0 4,000 10,000 ds 0805 1.00 0.20 0 0 2,500 10,000 df 0805 1.10 0.10 0 0 2,500 10,000 dg 0805 1.25 0.15 0 0 2,500 10,000 eq 1206 0.78 0.20 4,000 10,000 4,000 10,000 er 1206 0.90 0.20 0 0 4,000 10,000 es 1206 1.00 0.20 0 0 2,500 10,000 et 1206 1.10 0.20 0 0 2,500 10,000 ef 1206 1.20 0.15 0 0 2,500 10,000 eh 1206 1.60 0.20 0 0 2,000 8,000 fn 1210 0.78 0.20 0 0 4,000 10,000 fq 1210 0.90 0.20 0 0 4,000 10,000 fe 1210 1.00 0.10 0 0 2,500 10,000 fa 1210 1.10 0.15 0 0 2,500 10,000 fz 1210 1.25 0.20 0 0 2,500 10,000 fu 1210 1.55 0.20 0 0 2,000 8,000 fm 1210 1.70 0.20 0 0 2,000 8,000 fj 1210 1.85 0.20 0 0 2,000 8,000 fk 1210 2.10 0.20 0 0 2,000 8,000 gb 1812 1.00 0.10 0 0 1,000 4,000 gd 1812 1.25 0.15 0 0 1,000 4,000 gh 1812 1.40 0.15 0 0 1,000 4,000 gg 1812 1.55 0.10 0 0 1,000 4,000 gk 1812 1.60 0.20 0 0 1,000 4,000 gj 1812 1.70 0.15 0 0 1,000 4,000 gn 1812 1.70 0.20 0 0 1,000 4,000 gm 1812 2.00 0.20 0 0 500 2,000 hb 1825 1.10 0.15 0 0 1,000 4,000 he 1825 1.40 0.15 0 0 1,000 4,000 hg 1825 1.60 0.20 0 0 1,000 4,000 jb 2220 1.00 0.15 0 0 1,000 4,000 jd 2220 1.30 0.15 0 0 1,000 4,000 je 2220 1.40 0.15 0 0 1,000 4,000 jf 2220 1.50 0.15 0 0 1,000 4,000 jg 2220 1.70 0.15 0 0 1,000 4,000 ke 2225 1.40 0.15 0 0 1,000 4,000 thickness code case size 1 thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity 1 plastic quantity package quantity based on fnished chip thickness specifcations. 1 if ordering using the 2 mm tape and reel pitch option, the packaging quantity outlined in the table above will be doubled. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2 mm pitch option see tape & reel packaging information. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 9 table 2b C bulk packaging quantities packaging type loose packaging bulk bag (default) packaging c-spec 1 n/a 2 case size packaging quantities (pieces/unit packaging) eia (in) metric (mm) minimum maximum 0402 1005 1 50,000 0603 1608 0805 2012 1206 3216 1210 3225 1808 4520 20,000 1812 4532 1825 4564 2220 5650 2225 5664 1 the "packaging c-spec" is a 4 to 8 digit code which identifes the packaging type and/or product grade. when ordering, the proper code must be included in the 15th through 22nd character positions of the ordering code. see "ordering information" section of this document for further details. commercial grade product ordered without a packaging c-spec will default to our standard "bulk bag" packaging. contact kemet if you require a bulk bag packaging option for automotive grade products. 2 a packaging c-spec (see note 1 above) is not required for "bulk bag" packaging (excluding anti-static bulk bag and automotive grade products). the 15th through 22nd character positions of the ordering code should be left blank. all product ordered without a packaging c-spec will default to our standard "bulk bag" packaging. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 10 table 3 C chip capacitor land pattern design recommendations per ipcC7351 (mm) eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x v1 v2 c y x v1 v2 c y x v1 v2 0603 1608 0.85 1.25 1.10 4.00 2.10 0.75 1.05 1.00 3.10 1.50 0.65 0.85 0.90 2.40 1.20 0805 2012 0.99 1.44 1.66 4.47 2.71 0.89 1.24 1.56 3.57 2.11 0.79 1.04 1.46 2.42 1.81 1206 3216 1.59 1.62 2.06 5.85 3.06 1.49 1.42 1.96 4.95 2.46 1.39 1.22 1.86 4.25 2.16 1210 3225 1.59 1.62 3.01 5.90 4.01 1.49 1.42 2.91 4.95 3.41 1.39 1.22 2.81 4.25 3.11 1812 4532 2.30 1.75 2.30 7.4 0 3.30 2.20 1.55 2.20 6.50 2.70 2.10 1.35 2.10 5.80 2.40 1825 4564 2.15 1.80 6.90 7.10 7.90 2.05 1.60 6.80 6.20 7.30 1.95 1.40 6.70 5.50 7.00 2220 5650 2.85 2.10 5.50 8.80 6.50 2.75 1.90 5.40 7.90 5.90 2.65 1.70 5.30 7.20 5.60 2225 5664 2.85 2.10 6.90 8.80 7.90 2.75 1.90 6.80 7.90 7.30 2.65 1.70 6.70 7.20 7.00 density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805, and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). image below based on density level b for an eia 1210 case size. y c c x x v1 v2 grid placement courtyard y surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 11 soldering process recommended soldering technique: ? so lder wave or solder refow for eia case sizes 0603, 0805 and 1206 ? al l other eia case sizes are limited to solder refow only recommended refow soldering profle: kemets families of surface mount multilayer ceramic capacitors (smd mlccs) are compatible with wave (single or dual), convection, ir or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemets recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/j- std-020 standard for moisture sensitivity testing. these devices can safely withstand a maximum of three refow passes at these conditions. profle feature termination finish snpb 100% matte sn preheat/soak temperature minimum (t smin ) 100c 150c 150c 200c time (t s ) from t smin to t smax 60 C 120 seconds 60 C 120 seconds ramp-up rate (t l to t p ) 3c/second maximum 3c/second maximum liquidous temperature (t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 235c 260c time within 5c of maximum peak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/second maximum qwigsrh maximum 8mqiqxs4ieo temperature 6 minutes maximum 8 minutes maximum 2sxi%ppxiqtivexyviwvijivxsxligirxivsjxlitegoekiqiewyvihsrxli getegmxsvfshwyvjegixlexmwjegmrkythyvmrkewwiqfpvis time te mp erature t smin 25 t smax t l t p maximum ramp up rate = 3oc/sec maximum ramp down rate = 6oc/sec t p t l t s 25oc to peak surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 12 table 4 C performance & reliability: test methods and conditions stress reference test or inspection method terminal strength jisCcC6429 appendix 1, note: force of 1.8 kg for 60 seconds. board flex jisCcC6429 appendix 2, note: standard termination system C 2.0 mm (minimum) for all except 3 mm magnifcation 50 x. conditions: a) method b, 4 hours at 155c, dry heat at 235c b) method b at 215c category 3 c) method d, category 3 at 260c temperature cycling jesd22 method jaC104 1,000 cycles (?55c to +125c). measurement at 24 hours +/?4 hours after test conclusion. biased humidity milCstdC202 method 103 load humidity: 1,000 hours 85c/85% rh and rated voltage. add 100 k ohm resistor. measurement at 24 hours +/?4 hours after test conclusion. low volt humidity: 1,000 hours 85c/85% rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours +/?4 hours after test conclusion. measurement at 24 hours +/?4 hours after test conclusion. ?55c/+125c. note: number of cycles required C 300, maximum transfer time C 20 seconds, dwell time C 15 minutes. air C air. high temperature life milCstdC202 method 108 /eiaC198 1,000 hours at 125c (85c for x5r, z5u and y5v) with 2 x rated voltage applied. storage life milCstdC202 method 108 150c, 0 vdc for 1,000 hours. vibration milCstdC202 method 204 5 g's for 20 minutes, 12 cycles each of 3 orientations. note: use 8" x 5" pcb 0.031" thick storage and handling ceramic chip capacitors should be stored in normal working environments. while the chips themselves are quite robust in other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperatureCreels may soften or warp and tape peel force may increase. kemet recommends that maximum storage temperature not exceed 40oc and maximum storage humidity not exceed 70% relative humidity. temperature fuctuations should be minimized to avoid condensation on the parts and atmospheres should be free of chlorine and sulfur bearing compounds. for optimized solderability chip stock should be used promptly, preferably within 1.5 years of receipt. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 13 construction detailed cross section inner electrodes (ni) barrier layer (ni) epoxy layer (ag) end termination/ external electrode (cu) barrier layer (ni) epoxy layer (ag) end termination/ external electrode (cu) inner electrodes (ni) termination finish (100% matte sn/snpb?5% pb min) termination finish (100% matte sn/snpb?5% pb min) dielectric material (cazro 3 ) dielectric material (cazro 3 ) capacitor marking (optional): laser marking option is not available on: ? c0 g, ultra stable x8r and y5v dielectric devices ? ei a 0402 case size devices ? ei a 0603 case size devices with flexible termination option. ? kp s commercial and automotive grade stacked devices. these capacitors are supplied unmarked only. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 14 tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8, 12 and 16 mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape-fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. 8 mm, 12 mm or 16 mm carrier tape 178 mm (7.00") or 330 mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static cover tape (.10 mm (.004") maximum thickness) chip and kps orientation in pocket (except 1825 commercial, and 1825 and 2225 militar y) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes table 5 C carrier tape conf guration, embossed plastic & punched paper (mm) eia case size tape size (w)* embossed plastic punched paper 7" reel 13" reel 7" reel 13" reel pitch (p 1 )* pitch (p 1 )* 01005 C 0402 8 2 2 0603 8 2/4 2/4 0805 8 4 4 4 4 1206 C 1210 8 4 4 4 4 1805 C 1808 12 4 4 1812 12 8 8 kps 1210 12 8 8 kps 1812 & 2220 16 12 12 array 0508 & 0612 8 4 4 6ijivxs*mkyviwjsverh4 1 carrier tape reference locations. 6ijivxs8efpiwjsvxspivergiwtigmgexmsrw new 2 mm pitch reel options* packaging ordering code (c-spec) packaging type/options c-3190 automotive grade 7" reel unmarked c-3191 automotive grade 13" reel unmarked c-7081 commercial grade 7" reel unmarked c-7082 commercial grade 13" reel unmarked qqtmxglviipsrpezempefpijsv)-%gewiwmi qqtmxglviipjsv)-%gewiwmiyrhivhizipstqirx benef ts of changing from 4 mm to 2 mm pitching spacing ? lower placement costs ? double the parts on each reel results in fewer reel changes and increased eff ciency ? fewer reels result in lower packaging, shipping and storage costs, reducing waste surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 15 figure 1 C embossed (plastic) carrier tape dimensions po t f w cent er line s of ca vity ao bo user direction of unre eling cover tape ko b 1 is for tape feeder reference only, including dra ft concentric abou t b o . t 2 ?d 1 ?do b 1 s 1 t 1 e 1 e 2 p 1 p 2 embossment for c avity size, see note 1 table 4 [10 pitches cumulative tolerance on tape 0.2 mm] table 6 ? embossed (plastic) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/- 0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 7.5 0.05 (0.138 0.002) 12.0 0.10 (0.157 0.004) 4.6 (0.181) 16.3 (0.642) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape with or without components shall pass around r without damage (see figure 6). 3. if s < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481 paragraph 4.3 section b). 4. b 5. the cavity def ned by a 0 , b 0 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 3). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 4). (e) for kps series product, a 0 0 are measured on a plane 0.3 mm above the bottom of the pocket. (f) see addendum in eia standard 481 for standards relating to more precise taping requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 16 figure 2 C punched (paper) carrier tape dimensions user direct ion of unr ee li ng top cover t ape t center li nes o f cavity p 1 ?do po e 1 f e 2 w g a 0 b 0 cavity size, see n ote 1, tab le 7 bottom cover tape t 1 t 1 bottom cover tape [10 pitc he s cumulative tolerance on tape 0.2 mm] table 7 ? punched (paper) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 e 1 p 0 p 2 t 1 maximum g minimum r reference note 2 8 mm 1.5 +0.10 -0.0 (0.059 +0.004 -0.0) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 0.10 (0.004) maximum 0.75 (0.030) 25 (0.984) variable dimensions millimeters (inches) tape size pitch e2 minimum f p 1 t maximum w maximum a 0 b 0 8 mm half (2 mm) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 2.0 0.05 (0.079 0.002) 1.1 (0.098) 8.3 (0.327) note 1 8 mm single (4 mm) 4.0 0.10 (0.157 0.004) 8.3 (0.327) 1. the cavity def ned by a 0 , b 0 and t shall surround the component with suff cient clearance that: a) the component does not protrude beyond either surface of the carrier tape. b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. c) rotation of the component is limited to 20 maximum (see figure 3). d) lateral movement of the component is restricted to 0.5 mm maximum (see figure 4). e) see addendum in eia standard 481 for standards relating to more precise taping requirements. 2. the tape with or without components shall pass around r without damage (see figure 6). surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 17 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. 6ijivxs)-% 7xerhevhwerh . figure 3 C maximum component rotation ao bo t s max imum c ompon en t rota ti on t op view maxi mum co mponent rotat ion s id e view tape m ax imum width (mm) r otat io n ( t ) 8,12 20 16 ? 200 10 tap e m aximum wid th ( mm) ro tat ion ( s ) 8,12 20 16 ? 56 10 72 ? 200 5 typical pocke t center line typical com po nent centerline figure 4 C maximum lateral movement 0.5 mm maxi mum 0.5 mm maxi mum 8 mm & 1 2 mm tap e 1.0 mm maxi mum 1.0 mm maxi mum 1 6 mm tape figure 5 C bending radius r r b en ding radius e mbo sse d carrier p unc hed ca rrier surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 18 figure 6 C reel dimensions a d (see note) full radi us, see note b (see note) access hole at slot location (? 40 mm minimum) if present, tape slot in core for t ap e start: 2.5 mm minimum width x 10.0 mm minimum depth w3 (includes flange distortion at outer edge) w2 (m ea sured at hu b) w1 (m ea sured at hu b) c (arbor hole diameter) note: drive spokes optional; if used, dimensions b and d shall apply. n table 8 ? reel dimensions metric will govern constant dimensions millimeters (inches) tape size a b minimum c d minimum 8 mm 178 0.20 (7.008 0.008) or 330 0.20 (13.000 0.008) 1.5 (0.059) 13.0 +0.5/-0.2 (0.521 +0.02/-0.008) 20.2 (0.795) 12 mm 16 mm variable dimensions millimeters (inches) tape size n minimum w 1 w 2 maximum w 3 8 mm 50 (1.969) 8.4 +1.5/-0.0 (0.331 +0.059/-0.0) 14.4 (0.567) shall accommodate tape width without interference 12 mm 12.4 +2.0/-0.0 (0.488 +0.078/-0.0) 18.4 (0.724) 16 mm 16.4 +2.0/-0.0 (0.646 +0.078/-0.0) 22.4 (0.882) surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 19 figure 7 C tape leader & trailer dimensions trailer 16 0 mm minimum carrier t ape end start rou nd sp rock et holes el ongated spro ck et holes ( 32 mm tape and wi de r) t op co ve r t ape top c ove r t ape p unche d carrier 8 mm & 12 mm only e mboss ed carrier components 100 mm minimum leader 400 mm minimum figure 8 C maximum camber carrier tape round sprocket holes 1 mm ma ximum , either direction straight edge 250 mm elongated sprocket holes (32 mm & wider ta pe s) surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c1 062_c0g_ft-cap_smd ? 11/21/2016 20 kemet electronic corporation sales off ces for a complete list of our global sales off ces, please visit www.kemet.com/sales. disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet is a registered trademark of kemet electronics corporation. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), c0g dielectric, 10 C 250 vdc (commercial & automotive grade)


▲Up To Search▲   

 
Price & Availability of C1206X563J3GACTU-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X